Part Number Hot Search : 
1N938B M5148 TH1375 CDBS0245 0015474 DG2732 PDTC124E US1CFL
Product Description
Full Text Search
 

To Download 2SC3117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:ENN1060C
PNP/NPN Epitaxial Planar Silicon Transistors
2SA1249/2SC3117
160V/1.5A Switching Applications
Uses
* Color TV sound output, converters, inverters.
Package Dimensions
unit:mm 2009B
[2SA1249/2SC3117]
8.0 4.0 2.7
Features
* High breakdown voltage. * Large current capacity. * Adoption of MBIT process.
1.6 0.8 0.8 0.6
3.0
1.5 3.0 7.0
11.0
15.5
0.5
( ) : 2SA1249
2.4 4.8
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Conditions
1.2
1
2
3
1 : Emitter 2 : Collector 3 : Base SANYO : TO-126
Ratings (-)180 (-)160 (-)6 (-)1.5 (-)2.5 1
Unit V V V A A W W
Tc=25C
10 150 -55 to +150
C C
Electrical Characteristics at Ta = 25C
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Symbol ICBO IEBO hFE1 hFE2 fT VCB=(-)120V, IE=0 VEB=(-)4V, IC=0 VCE=(-)5V, IC=(-)100mA VCE=(-)5V, IC=(-)10mA VCE=(-)10V, IC=(-)50mA 100* 90* 120 MHz Conditions Ratings min typ max (-)1.0 (-)1.0 400* Unit A A
* : 2SA1249/2SC3117 are classified by 100mA hFE as follows:
Rank hFE R 100 to 200 S 140 to 280 T 200 to 400
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
70502TN (KT)/71598HA (KT)/4078TA/3187AT/D222KI, TS No.1060-1/3
2SA1249/2SC3117
Continued from preceding page.
Parameter Output Capacitance Collector-to-Emitter Saturation Voltage Base-to-Emitter Saturation Voltage Collector-to-Base Breakdown Voltage Collector-to-Emitter Breakdown Voltage Emitter-to-Base Breakdown Voltage Turn-ON Time Storage Time Fall Time Symbol Cob VCE(sat) Conditions VCB=(-)10V, f=1MHz IC=(-)500mA, IB=(-)50mA Ratings min typ (22) (-0.2) 0.13 (-)180 (-)160 (-)6 0.04 (0.7) 1.2 (0.04) 0.08 (-0.5) 0.45 max Unit pF V V V V V s s s
VBE(sat) IC=(-)500mA, IB=(-)50mA V(BR)CBO IC=(-)10A, IE=0 V(BR)CEO IC=(-)1mA, RBE= V(BR)EBO ton tstg tf IE=(-)10A, IC=0 See Specified Test Circuit See Specified Test Circuit See Specified Test Circuit
(-)0.85 (-)0.12
--1.2
IC -- VCE
2SA1249
--6m A
1.2
IC -- VCE
2SC3117
3.5mA
--1.0
1.0
Collector Current, IC - A
Collector Current, IC - A
--5mA
3mA
0.8
--0.8
--4mA
--3mA
--2mA
--1mA
2.5mA
--0.6
0.6
2mA
1.5mA
--0.4
0.4
1mA
0.2
--0.2
0.5mA
0 0
IB=0
--20 --40 --60 --80 --100 ITR03066
0
IB=0
0 20 40 60 80 100 ITR03067
Collector-to-Emitter Voltage, VCE - V
--1.2
Collector-to-Emitter Voltage, VCE - V
1.2
IC -- VCE
From top --90mA --80mA --70mA --60mA --50mA
IC -- VCE
2SC3117
30m A
2SA1249
--1.0
1.0
25mA
Collector Current, IC - A
Collector Current, IC - A
20mA
0.8
--0.8
--0.6
--40mA --30mA --20mA
--10mA
15mA
10mA
0.6
--0.4
5mA
0.4
--0.2
0.2
0
0
IB=0 --0.2 --0.4 --0.6 --0.8 --1.0 --1.2 Collector-to-Emitter Voltage, VCE - V ITR03068
0
IB=0
0 0.2 0.4 0.6 0.8 1.0 1.2 ITR03069
Collector-to-Emitter Voltage, VCE - V
5
1000 7 5 3 2
hFE -- IC
Gain-Bandwidth Product, fT - MHz
fT -- IC
2SA1249 / 2SC3117
2SA1249 / 2SC3117 VCE=5V
3 2
DC Current Gain, hFE
2SC3117
2SA1249
100 7 5 3 2
100 7 5 3 2
2SA1249
2SC3117
For PNP, minus sign is omitted.
10 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3
For PNP, minus sign is omitted.
10 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3 ITR03070
Collector Current, IC - A
Collector Current, IC - A
ITR03071
No.1060-2/3
2SA1249/2SC3117
2
Cob -- VCB
2SA1249 / 2SC3117 f=1MHz
5 3
VCE(sat) -- IC
2SA1249 / 2SC3117 IC / IB=10
100 7 5
Collector-to-Emitter Saturation Voltage, VCE (sat) - V
Output Capacitance, Cob - pF
2
1.0 5 3 2
3 2
2SA
2SC
124
9
2S
C 2S 31 17
For PNP, minus sign is omitted.
2 3 5 7 0.1 2 3 5 7 1.0 2 3
311
7
0.1 7 5 3
10 7
For PNP, minus sign is omitted.
2 3 5 7 10 2 3 5 7
5 1.0
2 0.01
Collector-to-Base Voltage, VCB -- V
5 3 2
ITR03072 12
Collector Current, IC - A
A1
24
ITR03073
ASO
ICP=2.5A IC=1.5A 2SA1249 / 2SC3117
PC -- Ta
2SA1249 / 2SC3117
1.0 7 5 3 2 0.1 7 5 3 2 0.01
Collector Dissipation, PC - W
10
Collector Current, IC - A
8
Id
6
ea
lr
ad
iat
DC
io
n
op
era
4
tio
n( Ta =
25
C
2
)
5 7 100 2 3 5 0 0 20 40
No heat sink
60 80 100 120 140 160
For PNP, minus sign is omitted.
3 5 7 10 2 3
Collector-to-Emitter Voltage, VCE - V
ITR03074
Ambient Temperature, Ta - C
9
ITR03075
7
10 s 0m
er ati on
1m s
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of July, 2002. Specifications and information herein are subject to change without notice.
PS No.1060-3/3
DC op
10m s
c (T =2 C 5 )


▲Up To Search▲   

 
Price & Availability of 2SC3117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X